Part Number Hot Search : 
AT8989UP AP8453 2810M3 D1170 KMM536 LV8095LQ LBN07092 80NF10
Product Description
Full Text Search
 

To Download HFCN-1200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ceramic
High Pass Filter
1340 to 4600 MHz
Maximum Ratings
Operating Temperature Storage Temperature RF Power Input* -55C to 100C -55C to 100C 7W max. at 25C
! NEW
HFCN-1200
Features
* * * * * * low cost small size 7 sections temperature stable dc block in/out, breakdown voltage, 1kV typ. excellent power handling, 7W
CASE STYLE: FV1206 Model HFCN-1200 HFCN-1200D Price $1.99 $2.49 Qty. (10-49) (10-49)
*Passband rating, derate linearly to 3W at 100C ambient.
Applications Pin Connections
RF IN RF OUT GROUND
**RF IN & RF OUT can be interchanged
1** 3** 2,4
* sub-harmonic rejection and dc blocking * transmitters/receivers * lab use
High Pass Filter Electrical Specifications1 (TAMB=25C)
MODEL NO. STOP BAND (MHz) Min.
(loss>40 dB) HFCN-1200 780 (loss>20 dB) 940
Outline Drawing
fco, MHz Nom.
(loss 3 dB) Typ. 1180
PASSBAND (MHz)
(loss<1.3 dB) Max. 1340-4000 (loss<2 dB) Typ. 1220-4600
VSWR Typ.
Stopband 20:1
Frequency (MHz) 1.5:1 1300-3200
POWER INPUT (W)
7
1. For Applications requiring DC voltage to be applied to the Input or output, use HFCN-1200D (DC Resistance to ground is 100 Mohms min.)
typical frequency response
ATTENUATION (dB)
schematic
RF IN RF OUT
40dB 20dB
3dB B f co FREQUENCY f 1.3 dB
Typical Performance Data at 25C
Frequency (MHz)
1.00 500.00 770.00 940.00
Insertion Loss (dB)
104.60 75.81 47.47 25.92 3.74 2.96 1.24 0.38 1.06 1.47 4.70
VSWR (:1)
1737.18 248.17 52.65 23.81 2.80 2.31 1.40 1.27 2.22 2.71 8.31
HFCN-1200 VSWR
Outline Dimensions (
A .126 3.20 H .087 2.21 B .063 1.60 J .024 0.61 C .037 0.94 K .122 3.10 D .020 0.51 L .024 0.61 E .032 0.81 M .087 2.21 F .009 0.23 N .012 0.30
inch mm
G .169 4.29
)
1180.00 1200.00 1320.00 3000.00 4000.00 4400.00 7000.00
HFCN-1200 INSERTION LOSS 120 INSERTION LOSS (dB) 100
P wt .071 grams 1.80 .020
Demo Board MCL P/N: TB-270 Suggested PCB Layout (PL-137)
10000
1000 80 VSWR 60 40 10 20 0 0 1000 2000 3000 4000 5000 6000 7000 FREQUENCY (MHz) 1 0 1000 2000 3000 4000 5000 6000 7000 FREQUENCY (MHz) 100
designers kit available
Kit No.
K1-HFCN
No. of Units in Kit
40
Description
5 of each: HFCN-650,-740,-1200,-1500,-1760, -2000,-2275,-2700
Price $ per Kit
79.95
Mini-Circuits
(R)
INTERNET http://www.minicircuits.com P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers NORTH AMERICA 800-654-7949 * 417-335-5935 * Fax 417-335-5945 * EUROPE 44-1252-832600 * Fax 44-1252-837010
Mini-Circuits ISO 9001 & ISO 14001 Certified
NO. OF SECTIONS
7
REV. B M96263 EDR-6251/1 HFCN-1200 AD/RS/CP 050113


▲Up To Search▲   

 
Price & Availability of HFCN-1200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X